PART |
Description |
Maker |
IRFU420B IRFR420B IRFU420BTU IRFR420BTM IRFR420BTF |
500V N-Channel B-FET / Substitute of IRFR420 & IRFR420A 500V N-Channel B-FET / Substitute of IRFU420 & IRFU420A 500V N-Channel MOSFET 2.3 A, 500 V, 2.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] International Rectifier Fairchild Semiconductor, Corp.
|
IRFP460 6179 -IRFP460 |
N-Channel 500V-0.22惟-20A- TO-247 PowerMESH MOSFET(N娌??MOSFET) N-Channel 500V-0.22Ω-20A- TO-247 PowerMESH MOSFET(N沟道MOSFET) N沟道500V -0.22Ω- 20A条至247 PowerMESH MOSFET的(不适用沟道MOSFET的) N-Channel Power MOSFET N - CHANNEL 500V - 0.22 - 20 A - TO-247 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
|
IXYS, Corp. 意法半导 ST Microelectronics STMicroelectronics
|
STB10NC50 STB10NC50-1 STB10NC50T4 |
10 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 500V - 0.48 OHM - 10A - I2PAK/D2PAK POWERMESH MOSFET N-CHANNEL 500V - 0.48 OHM - 10A - I2PAK/D2PAK POWERMESH MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
IRF450 JANTXV2N6770 JANTX2N6770 IRF450PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A) HEXFET? TRANSISTOR TRANSISTORS N-CHANNEL(Vdss=500V/ Rds(on)=0.400ohm/ Id=12A) 12 A, 500 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
IRF[International Rectifier]
|
STE38NB50 5564 |
N-Channel 500V-0.11Ω-38A- ISOTOP PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.11Ω- 38A条,1000V的集电极PowerMESHTM MOSFET的(不适用沟道MOSFET的) N - CHANNEL PowerMESH MOSFET N - CHANNEL 500V - 0.11 - 38A - ISOTOP PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
STP8NM50FP STP8NM50 |
N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?Power MOSFET N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh⑩Power MOSFET N沟道500V - 0.7ohm - ⑩第8A TO-220/TO-220FP的MDmesh功率MOSFET N - CHANNEL POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
STP6NK50Z STD6NK50ZT4 STF6NK50Z STD6NK50Z |
N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK N-CHANNEL 500V - 0.98 OHM - 5.6A TO-220 / TO-220FP / DPAK ZENER-PROTECTED SUPERMESH MOSFET N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FQN1N50CTA FQN1N50C |
N-Channel QFETMOSFET 500V, 0.38A, 6 N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
|
Fairchild Semiconductor
|
MDF16N50G |
N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
|
MagnaChip Semiconductor...
|
MDF18N50BTH |
N-Channel MOSFET 500V, 18.0 A, 0.27(ohm)
|
MagnaChip Semiconductor...
|